rev.a2 www.gulfsemi.com C10TJ ultra fast plastic power rectifiers voltage: 600v current:10.0a feature to-263ab/d 2 pack ? plastic package has underwriters laboratories flammability classification 94v-0 ? ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes ? ultra fast recovery time for high efficiency ? excellent high temperature switching ? glass passivated junction ? high voltage and high reliability ? high speed switching ? low forward voltage mechanical data case: jedec to-263 molded plastic body over passivated chip terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any dimensions in inches and (millimeters) maximum ratings and electrical characteristics (single-phase, half-wave, 60hz, resistive or inductive lo ad rating at 25 c, unless otherwise stated) symbol C10TJ units maximum recurrent peak reverse voltage vrrm 600 v maximum rms voltage vrms 420 v maximum dc blocking voltage vdc 600 v maximum average forward rectified at tc =99 c if(av) 10.0 a non-repetitive peak forward surge current 50hz half sine- wav ifsm 80 a maximum forward voltage at forward current 5.0a and 25 c vf 1.7 v maximum reverse recovery time (note 1) trr 40 ns maximum dc reverse current ta =25 c at rated dc blocking voltage ta =125 c ir 30.0 100.0 m a typical thermal resistance junction to case rth(jc) 3.0 c/w storage and operating temperature range tstg, tj -40 to +150 c note: 1. reverse recovery condition ta = 25 , ifm =5.0a, -di/dt =50a/us
rev.a2 www.gulfsemi.com ratings and characteristic curves C10TJ
|